PART |
Description |
Maker |
TISP61089B TISP61089BD TISP61089BD-S TISP61089BDR |
TISP61089B High Voltage Ringing SLIC Protector
|
ETC
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
2SC4709 |
NPN Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications High-Voltage Amplifier/ High-Voltage Switching Applications
|
Sanyo Semicon Device Toshiba Semiconductor
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
2SC3645 |
High-Voltage Switching Applications Adoption of FBET Process High Breakdown Voltage (VCEO = 160V)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SC3675 |
NPN Triple Diffused Planar Silicon Transistor 900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
|
SANYO
|
2SC3676 |
NPN Triple Diffused Planar Silicon Transistor 900V/300mA High-Voltage Amplifier High-Voltage Switching Applications
|
Sanyo
|
PS2633 PS2633L PS2634 PS2634L |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
|
http:// NEC[NEC]
|
CMPTA42E CMPTA92E |
SMD Small Signal Transistor PNP High Voltage ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|